Part Number Hot Search : 
SSG4842N SG3524 D70F3509 P6KE200C MSS0317 P23P06 A1150 BP5013
Product Description
Full Text Search
 

To Download QPDF-320-48 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  univ ers a l ac i n p u t / ful l r a nge built- in a c tiv e pfc func t i on, pf>0. 9 3 h i gh e f f i c i enc y , and h i g h r e l i a b ili t y output protections: olp/otp/ovp/scp all u s i ng 105c l o ng l ife e l e c troly t i c c apac itors . 100 % f u ll loa d b u r n - in t e s t qpdf-320-5 qpdf-320-7.5 qpdf-320-12 qpdf-320-2 4 qpdf-320-32 320w atts single output qpdf-320 series q ualtek electronics corporation p p c page 1 of 2 output characteristics input characteristics protection environmental characteristics general characteristics model dc output rated current current range ripple and noise voltage adj. range voltage accuracy line regulation load regulation set-up time hold-up time temperature coefficient overshoot and undershoot voltage range frequency range power factor (typical) efficiency (typical) ac current (max) inrush current (typical) leakage current over load (olp) over temperature (otp) over voltage (ovp) short circuit (scp) operating amb. temp. & hum storage temp. & hum safety standards withstand voltage isolation resistance emi conduction & radiation harmonic current ems immunity mtbf (mil-hdbk-217f) dimension (lxwxh) packing cooling method cb features: 3.3v 60a 0~60a 150mv 180mv 10% of rated output voltage 2.0% 0.5% 1.0% <2.5s (115vac input, full load) <1.2s(230vac input, full load) 5v >14ms (230vac input, full load) 7.5v/15v/24v/32v/36v/48v >16ms (230vac input, full load) 0.05%/c <5.0% 7.5v 40a 0~40a 150mv 150mv 2.0% 0.5% 1.0% 12v 25a 0~25a 150mv 150mv 1.0% 0.3% 0.5% 24v 13a 0~13a 150mv 150mv 1.0% 0.5% 0.5% 32v 10a 0~10a 200mv 200mv 1.0% 0.2% 0.5% 88vac~264vac 47hz-63hz pf>0.98/115vac pf>0.93/230vac 74% 4.0a <23a@115vac cold start <45a@230vac cold start input-output: <0.1ma input-pg: <0.75ma 83% 86% 87% 87% 105%~135% of rated output current, hiccup mode, auto recovery 85c 5c (heatsink of power transistor); shut down, auto recover after the temperature decreases 110%~150% of rated output voltage, shut down, re-power on to recover long-term mode, auto recovery -20c~65c; 20%~90% rh non-condensing -40c~85c: 10%-95% rh non-condensing gb4943-2001; en60950-1: 2006 primary-secondary: 3.0kvac;10ma. primary-pg: 1.5kvac;10ma. secondary-pg: 0.5kvdc;10ma 100m ohms compliance to en55022(cispr22) class b compliance to en61000-3-2, 17625.1-2003 compliance to en61000-4-2, 3, 4, 5, 6, 8, 11; env50204, light industry level, criteria a more than 100,000hrs (25c, full load) 226.5x115x50mm 12pcs/ctn. g.w: 14kgs forced air cooling (built-in dc fan) wide operating ambient temperature (-20c~65c) qpdf-320-36 QPDF-320-48 36v 8.8a 0~8.8a 200mv 200mv 1.0% 0.2% 0.5% 48v 6.7a 0~6.7a 240mv 240mv 1.0% 0.2% 0.5% 87% 88% 0~65c -20~0c 5v 60a 0~60a 150mv 150mv 2.0% 0.5% 1.0% 79% qpdf-320-3.3 rev. b
320watts single output qpdf-320 series q ualtek electronics corporation p p c iso-9001 co mpany www. qualteku sa.com page 2 of 2 mechanical specifications unit: mm m4.0 pin n o. assig nme nt 1 ac-l 2 ac-n 3 f.g 4,5,6 dc out put -v 7,8,9 dc out put +v


▲Up To Search▲   

 
Price & Availability of QPDF-320-48

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X